Part Number Hot Search : 
GALI5 A115E LYU5000 E002625 211XG25 MSA240 SF10L60U NTE1128
Product Description
Full Text Search
 

To Download SRSHELF2P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartrack 2u cantilever fixed shelf (60 lb / 27 kg capacity; 18-in. / 457 mm depth.) model number: SRSHELF2P description tripp lite's smartrack SRSHELF2P is a 2u cantilever mount fixed shelf. cantilever shelf supports monitors and other equipment with a 60lb capacity. shelf is compatible with 2 or 4 post rack enclosure cabinets. the SRSHELF2P is 18 inches in depth but can use two shelves back to back to create a deep fixed shelf in 2post racks. required mounting hardware is included. features 2u cantilever mount fixed shelf cantilever shelf supports monitors and other equipment with a 60lb capacity shelf is compatible with 2 or 4 post rack enclosure cabinets SRSHELF2P is 18 inches in depth but can use two shelves back to back to create a deep fixed shelf in 2post racks required mounting hardware is included specifications physical shipping dimensions (hwd / in.) 4 x 20 x 21 shipping dimensions (hwd / cm) 10.16 x 50.8 x 53.34 shipping weight (lbs.) 9 shipping weight (kg) 4.08 unit dimensions (hwd / in.) 3.5 x 19 x 18 unit dimensions (hwd / cm) 8.89 x 48.26 x 45.72 unit weight (lbs.) 5 unit weight (kg) 2.27 highlights fixed shelf, 2u cantilever mount. required mounting hardware included 2 or 4 post rack compatible 18 inch shelf depth cantilever shelf supports monitors and other equipment cold rolled steel with black finish. use two shelves back to back to create a deep fixed shelf in 2post racks package includes shelf and mounting hardware 1 / 2
warranty product warranty period (worldwide) 5-year limited warranty ? 2015 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 2 / 2


▲Up To Search▲   

 
Price & Availability of SRSHELF2P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X